|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
3/25/08 10:56 CS5571 2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ADC Features & Description Single-ended Analog Input On-chip Buffers for High Input Impedance Conversion Time = 10 S Settles in One Conversion Linearity Error = 0.0008% Signal-to-Noise = 92 dB S/(N + D) = 91 dB DNL = 0.1 LSB Max. Simple three/four-wire serial interface Power Supply Configurations: - Analog: +5V/GND; IO: +1.8V to +3.3V - Analog: 2.5V; IO: +1.8V to +3.3V General Description The CS5571 is a single-channel, 16-bit analog-to-digital converter capable of 100 kSps conversion rate. The input accepts a single-ended analog input signal. On-chip buffers provide high input impedance for both the AIN input and the VREF+ input. This significantly reduces the drive requirements of signal sources and reduces errors due to source impedances. The CS5571 is a delta-sigma converter capable of switching multiple input channels at a high rate with no loss in throughput. The ADC uses a low-latency digital filter architecture. The filter is designed for fast settling and settles to full accuracy in one conversion. The converter's 16-bit data output is in serial format, with the serial port acting as either a master or a slave. The converter is designed to support bipolar, ground-referenced signals when operated from 2.5V analog supplies. The converter can operate from an analog supply of 0-5V or from 2.5V. The digital interface supports standard logic operating from 1.8, 2.5, or 3.3 V. ORDERING INFORMATION: See Ordering Information on page 34. Power Consumption: - ADC Input Buffers On: 85 mW - ADC Input Buffers Off: 60 mW V1+ V2+ VL CS5571 VREF+ VREFDIGITAL FILTER LOGIC SERIAL INTERFACE SMODE CS SCLK ADC AIN ACOM SDO RDY BUFEN DIGITAL CONTROL OSC/CLOCK GENERATOR DITHER RST CONV BP/UP MCLK V1- V2- TST DCR VLR VLR2 Preliminary Product Information http://www.cirrus.com This document contains information for a new product. Cirrus Logic reserves the right to modify this product without notice. Copyright (c) Cirrus Logic, Inc. 2008 (All Rights Reserved) MAR `08 DS768PP1 3/25/08 10:56 CS5571 TABLE OF CONTENTS 1. CHARACTERISTICS AND SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 ANALOG CHARACTERISTICS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 SWITCHING CHARACTERISTICS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 DIGITAL CHARACTERISTICS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 GUARANTEED LOGIC LEVELS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 RECOMMENDED OPERATING CONDITIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 2. OVERVIEW . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 3. THEORY OF OPERATION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 3.1 Converter Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 3.2 Clock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 3.3 Voltage Reference . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 3.4 Analog Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 3.5 Output Coding Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 3.6 Typical Connection Diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 3.7 AIN & VREF Sampling Structures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 3.8 Converter Performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 3.9 DITHER . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 3.10 Digital Filter Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 3.11 Serial Port . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 3.11.1 SSC Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 3.11.2 SEC Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 3.12 Power Supplies & Grounding . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 3.13 Using the CS5571 in Multiplexing Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 3.14 Synchronizing Multiple Converters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29 4. PIN DESCRIPTIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 5. PACKAGE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33 6. ORDERING INFORMATION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34 7. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION . . . . . . . . . . . . . . 34 8. REVISION HISTORY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34 2 DS768PP1 3/25/08 10:56 CS5571 LIST OF FIGURES Figure 1. SSC Mode - Read Timing, CS remaining low . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Figure 2. SSC Mode - Read Timing, CS falling after RDY falls . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Figure 3. SEC Mode - Continuous SCLK Read Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Figure 4. SEC Mode - Discontinuous SCLK Read Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Figure 5. Voltage Reference Circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Figure 6. CS5571 Configured Using 2.5V Analog Supplies . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Figure 7. CS5571 Configured for Unipolar Measurement Using a Single 5V Analog Supply . . . . 18 Figure 8. CS5571 Configured for Bipolar Measurement Using a Single 5V Analog Supply . . . . . 19 Figure 9. CS5571 DNL Plot. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Figure 10. CS5581 DNL Error Plot with DNL Histogram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Figure 11. Spectral Performance, 0 dB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Figure 12. Spectral Performance, -6 dB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Figure 13. Spectral Performance, -12 dB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Figure 14. Spectral Performance, -80 dB Dither On . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Figure 15. Spectral Performance, -80 dB Dither Off . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Figure 16. Spectral Performance, -100 dB Dither On . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Figure 17. Spectral Performance, -100 dB Dither Off . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Figure 18. Spectral Performance, -116.3 dB Dither On . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Figure 19. Spectral Plot of Noise with Shorted Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Figure 20. Noise Histogram, 4096 Samples Dither On, Code Center. . . . . . . . . . . . . . . . . . . . . . 24 Figure 21. Noise Histogram, 4096 Samples Dither Off, Code Center. . . . . . . . . . . . . . . . . . . . . . 24 Figure 22. Noise Histogram, 4096 Samples Dither On, Input at Code Boundary . . . . . . . . . . . . . 24 Figure 23. Noise Histogram, 4096 Samples Dither Off, Input at Code Boundary . . . . . . . . . . . . . 24 Figure 24. CS5571 Digital Filter Response (DC to fs/2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 Figure 25. CS5571 Digital Filter Response (DC to 10 kHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 Figure 26. CS5571 Digital Filter Response (DC to 4fs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 Figure 27. Simple Multiplexing Scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 Figure 28. More Complex Multiplexing Scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 LIST OF TABLES Table 1. Output Coding, Two's Complement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Table 2. Output Coding, Offset Binary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 DS768PP1 3 3/25/08 10:56 1. CHARACTERISTICS AND SPECIFICATIONS * * * CS5571 Min / Max characteristics and specifications are guaranteed over the specified operating conditions. Typical characteristics and specifications are measured at nominal supply voltages and TA = 25C. VLR = 0 V. All voltages measured with respect to 0 V. TA = -40 to +85 C; V1+ = V2+ = +2.5 V, 5%; V1- = V2- = -2.5 V, 5%; VL -VLR = 3.3 V, 5%; VREF = (VREF+) - (VREF-) = 4.096V; MCLK = 16 MHz; SMODE = VL. DITHER = VL unless otherwise stated; BUFEN = V1+ unless otherwise stated. Connected per Figure 6. Bipolar mode unless otherwise stated. Parameter Accuracy Linearity Error Differential Linearity Error Positive Full-scale Error Negative Full-scale Error Full-scale Drift Bipolar Offset Bipolar Offset Drift Noise Dynamic Performance Peak Harmonic or Spurious Noise Total Harmonic Distortion Signal-to-Noise S/(N + D) Ratio -3 dB Input Bandwidth 1. 2. 3. 4. 5. ANALOG CHARACTERISTICS Min (Note 1) (Note 2, 3) (Note 2) (Note 2, 3) (Note 4) 1 kHz, -0.5 dB Input 12 kHz, -0.5 dB Input 1 kHz, -0.5 dB Input -0.5 dB Input, 1 kHz -60 dB Input, 1 kHz (Note 5) 91 - Typ 0.0008 1.0 1.0 1 15 1 36 -96 -96 -94 92 91 32 84 Max 0.1 -82 - Unit %FS LSB16 %FS %FS LSB16 LSB16 LSB16 Vrms dB dB dB dB dB dB kHz No missing codes is guaranteed at 16 bits resolution over the specified temperature range. One LSB is equivalent to VREF / 216 or 4.096 / 65536 = 62.5 V. Total drift over specified temperature range after reset at power-up, at 25 C. With DITHER off the output will be dominated by quantization. Scales with MCLK. 4 DS768PP1 3/25/08 10:56 ANALOG CHARACTERISTICS (CONTINUED) CS5571 TA = -40 to +85 C; V1+ = V2+ = +2.5 V, 5%; V1- = V2- = -2.5 V, 5%; VL -VLR = 3.3 V, 5%; VREF = (VREF+) - (VREF-) = 4.096V; MCLK = 16 MHz; SMODE = VL. DITHER = VL unless otherwise stated; BUFEN = V1+ unless otherwise stated. Connected per Figure 6. Parameter Analog Input Analog Input Range Input Capacitance CVF Current (Note 6) AIN Buffer On (BUFEN = V+) AIN Buffer Off (BUFEN = V-) ACOM Unipolar Bipolar 0 to +VREF / 2 VREF / 2 10 600 130 130 V V pF nA A A Min Typ Max Unit Voltage Reference Input Voltage Reference Input Range (VREF+) - (VREF-) Input Capacitance CVF Current VREF+ Buffer On (BUFEN = V+) VREF+ Buffer Off (BUFEN = V-) VREFIV1 IV2 IVL Normal Operation Buffers On Buffers Off (Note 8) V1+ , V2+ Supplies V1-, V2- Supplies (Note 7) 2.4 4.096 10 3 1 1 85 60 80 80 4.2 18 1.8 0.6 101 80 V pF A mA mA mA mA mA mW mW dB dB Power Supplies DC Power Supply Currents Power Consumption Power Supply Rejection 6. 7. 8. Measured using an input signal of 1 V DC. For optimum performance, VREF+ should always be less than (V+) - 0.2 volts to prevent saturation of the VREF+ input buffer. Tested with 100 mVp-p on any supply up to 1 kHz. V1+ and V2+ supplies at the same voltage potential, V1- and V2- supplies at the same voltage potential. DS768PP1 5 3/25/08 10:56 SWITCHING CHARACTERISTICS TA = -40 to +85 C; V1+ = V2+ = +2.5 V, 5%; V1- = V2- = -2.5 V, 5%; VL - VLR = 3.3 V, 5%, 2.5 V, 5%, or 1.8 V, 5% Input levels: Logic 0 = 0V = Low; Logic 1 = VD+ = High; CL = 15 pF. Parameter Master Clock Frequency Master Clock Duty Cycle Reset RST Low Time RST rising to RDY falling Conversion CONV Pulse Width BP/UP setup to CONV falling CONV low to start of conversion Perform Single Conversion (CONV high before RDY falling) Conversion Time 9. 10. 11. CS5571 Symbol Internal Oscillator External Clock XIN fclk Min 12 0.5 40 Typ 14 16 120 1536 - Max 16 16.2 60 2 164 Unit MHz MHz % s s MCLKs MCLKs ns MCLKs MCLKs MCLKs (Note 9) Internal Oscillator External Clock tres twup 1 4 0 20 - tcpw (Note 10) tscn tscn tbus tbuh (Note 11) Start of Conversion to RDY falling Reset must not be released until the power supplies and the voltage reference are within specification. BP/UP can be changed coincident to CONV falling. BP/UP must remain stable until RDY falls. If CONV is held low continuously, conversions occur every 160 MCLK cycles. If RDY is tied to CONV, conversions will occur every 162 MCLKs. If CONV is operated asynchronously to MCLK, a conversion may take up to 164 MCLKs. RDY falls at the end of conversion. 6 DS768PP1 3/25/08 10:56 SWITCHING CHARACTERISTICS (CONTINUED) TA = -40 to +85 C; V1+ = V2+ = +2.5 V, 5%; V1- = V2- = -2.5 V, 5%; VL - VLR = 3.3 V, 5%, 2.5 V, 5%, or 1.8 V, 5% Input levels: Logic 0 = 0V = Low; Logic 1 = VD+ = High; CL = 15 pF. Parameter Serial Port Timing in SSC Mode (SMODE = VL) RDY falling to MSB stable Data hold time after SCLK rising Serial Clock (Out) (Note 12, 13) RDY rising after last SCLK rising 12. CS5571 Symbol t1 t2 Pulse Width (low) Pulse Width (high) t3 t4 t5 Min 50 50 - Typ -2 10 8 Max - Unit MCLKs ns ns ns MCLKs SDO and SCLK will be high impedance when CS is high. In some systems SCLK and SDO may require pull-down resistors. 13. SCLK = MCLK/2. MCLK RDY t1 CS t2 SCLK(o) t3 t4 t5 SDO MSB MSB-1 LSB+1 LSB Figure 1. SSC Mode - Read Timing, CS remaining low (Not to Scale) DS768PP1 7 3/25/08 10:56 SWITCHING CHARACTERISTICS (CONTINUED) TA = -40 to +85 C; V1+ = V2+ = +2.5 V, 5%; V1- = V2- = -2.5 V, 5%; VL - VLR = 3.3 V, 5%, 2.5 V, 5%, or 1.8 V, 5% Input levels: Logic 0 = 0V = Low; Logic 1 = VD+ = High; CL = 15 pF. Parameter Serial Port Timing in SSC Mode (SMODE = VL) Data hold time after SCLK rising Serial Clock (Out) (Note 14, 15) RDY rising after last SCLK rising CS falling to MSB stable First SCLK rising after CS falling CS hold time (low) after SCLK rising SCLK, SDO tri-state after CS rising 14. CS5571 Symbol t7 Pulse Width (low) Pulse Width (high) t8 t9 t10 t11 t12 t13 t14 Min 50 50 10 - Typ 10 8 10 8 5 Max - Unit ns ns ns MCLKs ns MCLKs ns ns SDO and SCLK will be high impedance when CS is high. In some systems SCLK and SDO may require pull-down resistors. 15. SCLK = MCLK/2. MCLK t10 RDY t13 CS t12 SCLK(o) t11 SDO MSB MSB-1 LSB+1 LSB t7 t8 t9 t14 Figure 2. SSC Mode - Read Timing, CS falling after RDY falls (Not to Scale) 8 DS768PP1 3/25/08 10:56 SWITCHING CHARACTERISTICS (CONTINUED) TA = -40 to +85 C; V1+ = V2+ = +2.5 V, 5%; V1- = V2- = -2.5 V, 5%; VL - VLR = 3.3 V, 5%, 2.5 V, 5%, or 1.8 V, 5% Input levels: Logic 0 = 0V = Low; Logic 1 = VD+ = High; CL = 15 pF. Parameter Serial Port Timing in SEC Mode (SMODE = VLR) SCLK(in) Pulse Width (High) SCLK(in) Pulse Width (Low) CS hold time (high) after RDY falling CS hold time (high) after SCLK rising CS low to SDO out of Hi-Z Data hold time after SCLK rising Data setup time before SCLK rising CS hold time (low) after SCLK rising RDY rising after SCLK falling 16. - CS5571 Symbol Min 30 30 10 10 10 10 - Typ 10 10 10 Max 1 10 SCLK Unit ns ns ns ns ns ns ns ns ns t15 t16 (Note 16) t17 t18 t19 t20 t21 - SDO will be high impedance when CS is high. In some systems SDO may require a pull-down resistor. MCLK t21 RDY t15 CS t16 SCLK(i) t17 SDO t18 t19 MSB LSB t20 Figure 3. SEC Mode - Continuous SCLK Read Timing (Not to Scale) DS768PP1 9 3/25/08 10:56 CS5571 MCLK t21 RDY t15 CS t20 SCLK(i) t17 SDO t18 t19 MSB LSB Figure 4. SEC Mode - Discontinuous SCLK Read Timing (Not to Scale) DIGITAL CHARACTERISTICS TA = TMIN to TMAX; VL = 3.3V, 5% or VL = 2.5V, 5% or 1.8V, 5%; VLR = 0V Parameter Input Leakage Current Digital Input Pin Capacitance Digital Output Pin Capacitance Symbol Iin Cin Cout Min Typ 3 3 Max 2 Unit A pF pF 10 DS768PP1 3/25/08 10:56 GUARANTEED LOGIC LEVELS TA = -40 to +85 C; V1+ = V2+ = +2.5 V, 5%; V1- = V2- = -2.5 V, 5%; VL - VLR = 3.3 V, 5%, 2.5 V, 5%, or 1.8 V, 5% Input levels: Logic 0 = 0V = Low; Logic 1 = VD+ = High; CL = 15 pF. Guaranteed Limits Parameter Logic Inputs 3.3 Minimum High-level Input Voltage: CS5571 Sym VL Min Typ Max Unit Conditions 1.9 1.6 1.2 1.1 0.95 0.6 V V VIH 2.5 1.8 3.3 Maximum Low-level Input Voltage: VIL 2.5 1.8 Logic Outputs 3.3 Minimum High-level Output Voltage: 2.9 2.1 1.65 0.36 0.36 0.44 V IOH = -2 mA VOH 2.5 1.8 3.3 V IOH = -2 mA Maximum Low-level Output Voltage: VOL 2.5 1.8 DS768PP1 11 3/25/08 10:56 RECOMMENDED OPERATING CONDITIONS (VLR = 0V, see Note 17) CS5571 Parameter Single Analog Supply DC Power Supplies: (Note 17) V1+ V2+ V1V2- Symbol Min Typ Max Unit V1+ V2V1+ V2- 4.75 4.75 - 5.0 5.0 0 0 5.25 5.25 - V V V V Dual Analog Supplies DC Power Supplies: (Note 17) V1+ V2+ V1V2(Note 18) [VREF+] - [VREF-] V1+ V2V1+ V2VREF +2.375 +2.375 -2.375 -2.375 2.4 +2.5 +2.5 -2.5 -2.5 4.096 +2.625 +2.625 -2.625 -2.625 4.2 V V V V V Analog Reference Voltage 17. 18. The logic supply can be any value VL - VLR = +1.71 to +3.465 volts as long as VLR V2- and VL 3.465 V. The differential voltage reference magnitude is constrained by the V1+ or V1- supply magnitude. ABSOLUTE MAXIMUM RATINGS (VLR = 0V) Parameter DC Power Supplies: [V1+] - [V1-] (Note 19) VL + [ |V1-| ] (Note 20) Input Current, Any Pin Except Supplies Analog Input Voltage Digital Input Voltage Storage Temperature Notes: 19. V1+ = V2+; V1- = V220. 21. Symbol IIN VINA VIND Tstg Min 0 0 (V1-) - 0.3 VLR - 0.3 -65 Typ - Max 5.5 6.1 10 (V1+) + 0.3 VL + 0.3 150 Unit V V mA V V C (Note 21) (AIN and VREF pins) V1- = V2Transient currents of up to 100 mA will not cause SCR latch-up. WARNING: Recommended Operating Conditions indicate limits to which the device is functionally operational. Absolute Maximum Ratings indicate limits beyond which permanent damage to the device may occur. The Absolute Maximum Ratings are stress ratings only and the device should not be operated at these limits. Operation at conditions beyond the Recommended Operating Conditions may affect device reliability, and functional operation beyond Recommended Operating Conditions is not implied. Performance specifications are intended for the conditions specified for each table in the Characteristics and Specifications section. 12 DS768PP1 3/25/08 10:56 2. OVERVIEW CS5571 The CS5571 is a 16-bit analog-to-digital converter capable of 100 kSps conversion rate. The analog input accepts a single-ended input with a magnitude of VREF / 2 volts. The device is capable of switching multiple input channels at a high rate with no loss in throughput. The ADC uses a low-latency digital filter architecture. The filter is designed for fast settling and settles to full accuracy in one conversion. The converter is a serial output device. The serial port can be configured to function as either a master or a slave. The converter can operate from an analog supply of 5V or from 2.5V. The digital interface supports standard logic operating from 1.8, 2.5, or 3.3 V. The CS5571 may convert at rates up to 100 kSps when operating from a 16 MHz input clock. 3. THEORY OF OPERATION The CS5571 converter provides high-performance measurement of DC or AC signals. The converter can be used to perform single conversions or continuous conversions upon command. Each conversion is independent of previous conversions and settles to full specified accuracy, even with a full-scale input voltage step. This is due to the converter architecture which uses a combination of a high-speed delta-sigma modulator and a low-latency filter architecture. Once power is established to the converter, a reset must be performed. A reset initializes the internal converter logic. If CONV is held low, the converter will convert continuously with RDY falling every 160 MCLKs. This is equivalent to 100 kSps if MCLK = 16.0 MHz. If CONV is tied to RDY, a conversion will occur every 162 MCLKs. If CONV is operated asynchronously to MCLK, it may take up to 164 MCLKs from CONV falling to RDY falling. Multiple converters can operate synchronously if they are driven by the same MCLK source and CONV to each converter falls on the same MCLK falling edge. Alternately, CONV can be held low and all devices can be synchronized if they are reset with RST rising on the same falling edge of MCLK. The output coding of the conversion word is a function of the BP/UP pin. 3.1 Converter Operation The converter should be reset after the power supplies and voltage reference are stable. The CS5571 converts at 100 kSps when synchronously operated (CONV = VLR) from a 16.0 MHz master clock. Conversion is initiated by taking CONV low. A conversion lasts 160 master clock cycles, but if CONV is asynchronous to MCLK there may be an uncertainty of 0-4 MCLK cycles after CONV falls to when a conversion actually begins. This may extend the throughput to 164 MCLKs per conversion. When the conversion is completed, the output word is placed into the serial port and RDY goes low. To convert continuously, CONV should be held low. In continuous conversion mode with CONV held low, a conversion is performed in 160 MCLK cycles. Alternately RDY can be tied to CONV and a conversion will occur every 162 MCLK cycles. To perform only one conversion, CONV should return high at least 20 master clock cycles before RDY falls. DS768PP1 13 3/25/08 10:56 CS5571 Once a conversion is completed and RDY falls, RDY will return high when all the bits of the data word are emptied from the serial port or if the conversion data is not read and CS is held low, RDY will go high two MCLK cycles before the end of conversion. RDY will fall at the end of the next conversion when new data is put into the port register. See Serial Port on page 26 for information about reading conversion data. Conversion performance can be affected by several factors. These include the choice of clock source for the chip, the timing of CONV, the setting of the DITHER function, and the choice of the serial port mode. The converter can be operated from an internal oscillator. This clock source has greater jitter than an external crystal-based clock. Jitter may not be an issue when measuring DC signals, or very-low-frequency AC signals, but can become an issue for higher frequency AC signals. For maximum performance when digitizing AC signals, a low-jitter MCLK should be used. To achieve the highest resolution when measuring a DC signal with a single conversion the DITHER function should be off. If averaging is to be performed with multiple conversions of a DC signal, DITHER should be on. To maximize performance, the CONV pin should be held low in the continuous conversion state to perform multiple conversions, or CONV should occur synchronous to MCLK, falling when MCLK falls. If the converter is operated at maximum throughput, the SSC serial port mode is less likely to cause interference to measurements as the SCLK output is synchronized to the MCLK. Alternately, any interference due to serial port clocking can also be minimized if data is read in the SEC serial port mode when a conversion is not in progress. 3.2 Clock The CS5571 can be operated from its internal oscillator or from an external master clock. The state of MCLK determines which clock source will be used. If MCLK is tied low, the internal oscillator will start and be used as the clock source for the converter. If an external CMOS-compatible clock is input into MCLK, the converter will power down the internal oscillator and use the external clock. If the MCLK pin is held high, the internal oscillator will be held in the stopped state. The MCLK input can be held high to delete clock cycles to aid in synchronizing multiple converters in different phase relationships. The internal oscillator can be used if the signals to be measured are essentially DC. The internal oscillator exhibits jitter at about 500 picoseconds rms. If the CS5571 is used to digitize AC signals, an external low-jitter clock source should be used. If the internal oscillator is used as the clock for the CS5571, the maximum conversion rate will be dictated by the oscillator frequency. If driven from an external MCLK source, the fast rise and fall times of the MCLK signal can result in clock coupling from the internal bond wire of the IC to the analog input. Adding a 50 ohm resistor on the external MCLK source significantly reduces this effect. 14 DS768PP1 3/25/08 10:56 3.3 Voltage Reference CS5571 The voltage reference for the CS5571 can range from 2.4 volt to 4.2 volts. A 4.096 volt reference is required to achieve the specified signal-to-noise performance. Figure 6 and Figure 7 illustrate the connection of the voltage reference with either a single +5 V analog supply or with 2.5 V. For optimum performance, the voltage reference device should be one that provides a capacitor connection to provide a means of noise filtering, or the output should include some type of bandwidth-limiting filter. Some 4.096 volt reference devices need only 5 volts total supply for operation and can be connected as shown in Figure 6 or Figure 7. The reference should have a local bypass capacitor and an appropriate output capacitor. Some older 4.096 voltage reference designs require more headroom and must operate from an input voltage of 5.5 to 6.5 volts. If this type of voltage reference is used ensure that when power is applied to the system, the voltage reference rise time is slower than the rise time of the V1+ and V1- power supply voltage to the converter. An example circuit to slow the output startup time of the reference is illustrated in Figure 5. 5.5 to 15 V 2k 10F VIN VOUT GND Refer to V1- and VREF1 pins. 4.096 V Figure 5. Voltage Reference Circuit 3.4 Analog Input The analog input of the converter is single-ended with a full-scale input of 2.048 volts, relative to the ACOM pin.. This is illustrated in Figure 6 and Figure 7. These diagrams also illustrate a differential buffer amplifier configuration for driving the CS5571. The capacitors at the outputs of the amplifiers provide a charge reservoir for the dynamic current from the A/D inputs while the resistors isolate the dynamic current from the amplifier. The amplifiers can be powered from higher supplies than those used by the A/D but precautions should be taken to ensure that the op-amp output voltage remains within the power supply limits of the A/D, especially under start-up conditions. DS768PP1 15 3/25/08 10:56 3.5 Output Coding Format CS5571 The reference voltage directly defines the input voltage range in both the unipolar and bipolar configurations. In the unipolar configuration (BP/UP low), the first code transition occurs 0.5 LSB above zero, and the final code transition occurs 1.5 LSBs below VREF. In the bipolar configuration (BP/UP high), the first code transition occurs 0.5 LSB above -VREF and the last transition occurs 1.5 LSBs below +VREF. See Table 1 for the output coding of the converter. Table 1. Output Coding, Two's Complement Bipolar Input Voltage >(VREF-1.5 LSB) VREF-1.5 LSB 7F FE 00 00 -0.5 LSB FF FF 80 01 -VREF+0.5 LSB 80 00 <(-VREF+0.5 LSB) 80 00 Two's Complement 7F FF 7F FF NOTE: VREF = [(VREF+) - (VREF-)] / 2 Table 2. Output Coding, Offset Binary Unipolar Input Voltage >(VREF-1.5 LSB) VREF-1.5 LSB FF FE 80 00 (VREF/2)-0.5 LSB 7F FF 00 01 +0.5 LSB 00 00 <(+0.5 LSB) 00 00 Offset Binary FF FF FF FF NOTE: VREF = [(VREF+) - (VREF-)] / 2 16 DS768PP1 3/25/08 10:56 3.6 Typical Connection Diagrams CS5571 The following figure depicts the CS5571 powered from bipolar analog supplies, +2.5 V and - 2.5 V. +2.048 V 0V -2.048 V CS5571 49.9 AIN 150pF 2k 5 4700pF C0G SMODE CS SCLK 5 ACOM SDO RDY (V+) Buffers On BUFEN +2.5 V (V-) Buffers Off BP/UP DITHER +4.096 Voltage Reference (NOTE 1) VREF+ 10 F 0.1 F 50 CONV RST MCLK VREF-2.5 V TST +2.5 V +3.3 V to +1.8 V V1+ 10 0.1 F VL V2+ 0.1 F 10 0.1 F V20.1 F X7R DCR VLR2 V1-2.5 V NOTES VLR 1. See Section 3.3 Voltage Reference for information on required voltage reference performance criteria. 2.Locate capacitors so as to minimize loop length. 3. The 2.5 V supplies should also be bypassed to ground at the converter. 4. VLR and the power supply ground for the 2.5 V should be connected to the same ground plane under the chip. 5. SCLK and SDO may require pull-down resistors in some applications. Figure 6. CS5571 Configured Using 2.5V Analog Supplies DS768PP1 17 3/25/08 10:56 CS5571 The following figure depicts the CS5571 part powered from a single 5V analog supply and configured for unipolar measurement. 0 V to +2.048 V CS5571 49.9 AIN 150pF 2k 4 4700pF C0G SMODE CS SCLK 4 CS3003 / CS3004 ACOM SDO RDY (V+) Buffers On BUFEN +5 V (V-) Buffers Off BP/UP DITHER +4.096 Voltage Reference (NOTE 1) VREF+ 10 F 0.1 F 50 CONV RST MCLK VREFTST +5 V +3.3 V to 1.8 V V1+ 0.1 F 10 VL V2+ 0.1 F 0.1 F V20.1 F X7R DCR VLR2 V1- VLR NOTES 1. See Section 3.3 Voltage Reference for information on required voltage reference performance criteria. 2. Locate capacitors so as to minimize loop length. 3. V1-, V2-, and VLR should be connected to the same ground plane under the chip. 4. SCLK and SDO may require pull-down resistors in some applications. Figure 7. CS5571 Configured for Unipolar Measurement Using a Single 5V Analog Supply 18 DS768PP1 3/25/08 10:56 CS5571 The following figure depicts the CS5571 part powered from a single 5V analog supply and configured for bipolar measurement, referenced to a common mode voltage of 2.5 V. +4.548 V +2.5 V +0.452 V 49.9 CS5571 AIN 4700pF C0G 150pF 2k SMODE CS3003 / CS3004 Common Mode Voltage (2.5 V Typ.) 4 CS 49.9 SCLK 4 ACOM 150pF 2k 4700pF C0G SDO RDY CS3003 / CS3004 (V+) Buffers On +5 V (V-) Buffers Off +4.096 Voltage Reference (NOTE 1) VREF+ 10 F 0.1 F 50 CONV BUFEN CAL BP/UP DITHER RST MCLK VREFTST +5 V +3.3 V to 1.8 V V1+ 0.1 F 10 VL V2+ 0.1 F 0.1 F V20.1 F X7R DCR VLR2 V1- VLR NOTES 1. See Section 3.3 Voltage Reference for information on required voltage reference performance criteria. 2. Locate capacitors so as to minimize loop length. 3. V1-, V2-, and VLR should be connected to the same ground plane under the chip. 4. SCLK and SDO may require pull-down resistors in some applications. Figure 8. CS5571 Configured for Bipolar Measurement Using a Single 5V Analog Supply DS768PP1 19 3/25/08 10:56 3.7 AIN & VREF Sampling Structures CS5571 The CS5571 uses on-chip buffers on the AIN and VREF+ inputs. Buffers provide much higher input impedance and therefore reduce the amount of drive current required from an external source. This helps minimize errors. The Buffer Enable (BUFEN) pin determines if the on-chip buffers are used or not. If the BUFEN pin is connected to the V1+ supply, the buffers will be enabled. If the BUFEN pin is connected to the V1- pin, the buffers are off. The converter will consume about 30 mW less power when the buffers are off, but the input impedances of AIN, ACOM and VREF+ will be significantly less than with the buffers enabled. 3.8 Converter Performance The CS5571 achieves excellent differential nonlinearity (DNL) as shown in figures 9 and 10. Figure 9 illustrates the code widths on a typical scale of 1 LSB. Figure 10 illustrates a zoom view of figure 9 on a scale of 0.1 LSB. Figure 10 also includes a DNL error histogram that indicates that the errors are equally distributed about the perfect code size; and most codes are accurate within 0.01 LSB. 1.00 DNL Error in LSBs 0.75 0.50 0.25 0.00 -0.25 -0.50 -0.75 -1.00 1 65535 Codes Figure 9. CS5571 DNL Plot +0.10 +0.08 +0.06 +0.04 +0.02 0 -0.02 -0.04 -0.06 -0.08 -0.10 1 65535 18k +0.1 +0.09 +0.08 +0.07 +0.06 +0.05 +0.04 +0.03 +0.02 +0.01 DNL Error in LSBs 0 -0.01 -0.02 -0.03 -0.04 -0.05 -0.06 -0.07 -0.08 -0.09 16k 14k 12k 10k 8k 6k 4k 2k 0 -0.1 Codes Counts per 0.01 LSB Error Figure 10. CS5581 DNL Error Plot with DNL Histogram 20 DS768PP1 DNL Error in LSBs 3/25/08 10:56 CS5571 Figures 11, 12, and 13 indicate the spectral performance of the CS5571 with a 0 dB, -6 dB and - 12 dB 5.55 kHz input signal. In each case, the captured data was windowed with a seven-term window function that exhibits 4.3 dB of attenuation before being processed by the FFT. 0 -20 -40 -60 -80 -100 -120 -140 -160 0 10k 20k 30k Frequency (Hz) 40k 50k 5.55 kHz, 0 dB 32k Samples @ 100 kSps 0 -20 -40 -60 -80 -100 -120 -140 -160 0 10k 20k 30k Frequency (Hz) 40k 50k 5.55 kHz, -6 dB 32k Samples @ 100 kSps Figure 11. Spectral Performance, 0 dB Figure 12. Spectral Performance, -6 dB 0 -20 -40 -60 -80 -100 -120 -140 -160 0 10k 20k 30k Frequency (Hz) 40k 50k 5.55 kHz, -12 dB 32k Samples @ 100 kSps Figure 13. Spectral Performance, -12 dB DS768PP1 21 3/25/08 10:56 CS5571 Figures 14 and 15 illustrate the small signal performance of the CS5571 with a 5.55 kHz signal at -80 dB down. Figure 14 is with DITHER on and Figure 15 is with DITHER off. At -80 dB the signal is 1/10,000 of full scale, having a peak-to-peak magnitude of only a few codes. For small signals, DNL errors and quantization errors can introduce distortion because the error in the code size, or the quantization error without adequate dither, are a much greater percentage of the signal than with a full-scale input. Figure 15, with DITHER off, illustrates that distortion components can be introduced when there is not adequate dither to randomize the quantization error. 0 -20 -40 -60 -80 -100 -120 -140 -160 0 10k 20k 30k Frequency (Hz) 40k 50k 5.55 kHz, -80 dB 32k Samples @ 100 kSps Dither On 0 -20 -40 -60 -80 -100 -120 -140 -160 0 10k 20k 30k Frequency (Hz) 40k 50k Figure 14. Spectral Performance, -80 dB Dither On Figure 15. Spectral Performance, -80 dB Dither Off Figures 16 and 17 illustrate DITHER on and DITHER off with a 5.55 kHz input at -100 dB. At -100 dB the signal is only about 41 microvolts peak to peak. This is less than the one code width which is about 62.5 microvolts. 0 -20 -40 -60 -80 -100 -120 -140 -160 0 10k 20k 30k Frequency (Hz) 40k 50k 0 -20 -40 -60 -80 -100 -120 -140 -160 0 10k 20k 30k Frequency (Hz) 40k 50k Figure 16. Spectral Performance, -100 dB Dither On Figure 17. Spectral Performance, -100 dB Dither Off 22 DS768PP1 3/25/08 10:56 CS5571 Figure 18 illustrates a test signal of 5.55 kHz, 116.3 dB down, which is only 6.3 microvolts peak to peak, or about 1/10 of a code width. The converter can reliably digitize this signal because of its excellent DNL and proper dither. 0 -20 -40 -60 -80 -100 -120 -140 -160 0 10k 20k 30k Frequency (Hz) 40k 50k Figure 18. Spectral Performance, -116.3 dB Dither On Figure 19 is a spectral plot of the converter with its input grounded. The spectral information is on a logarithmic frequency axis as this illustrates the very low frequency behavior of the converter. Figure 19 was produced from averaging the results of 16 FFT outputs using 2 million samples each. This plot also illustrates that the converter noise floor is free of spurious components that may be present in other converters due to on-chip digital interference. 0 -20 -40 -60 -80 -100 -120 -140 -160 -180 0.1 1 10 100 Frequency (Hz) 1k 10k 50k Shorted Input 2M Samples @ 100 kSps 16 Averages Figure 19. Spectral Plot of Noise with Shorted Input DS768PP1 23 3/25/08 10:56 CS5571 Figure 20 illustrates a noise histogram of 4096 samples with the input signal adjusted to almost the exact center of a code with DITHER on. Figure 21 illustrates a noise histogram of 4096 samples with the input signal at the center of a code with DITHER off. Notice that with a signal at the center of a code that the converter outputs the same code over 96% of the time. Figures 22 and 23 illustrate the noise histogram, DITHER on and then DITHER off with the input signal at a code boundary. Notice that in the DITHER off case the converter only exhibits two codes of noise. 4500 4000 3500 3000 2500 2000 1500 1000 500 0 709 3 -2 -1 0 Output (Codes) 1 751 9 2 2624 4500 4000 3500 3000 2500 2000 1500 1000 500 0 -2 -1 3940 0 75 0 Output (Codes) 81 1 0 2 Figure 20. Noise Histogram, 4096 Samples Dither On, Code Center Figure 21. Noise Histogram, 4096 Samples Dither Off, Code Center 4500 4000 3500 3000 2500 2000 1500 1000 500 0 1953 2019 0 -2 58 -1 0 1 Output (Codes) 66 2 4500 4000 3500 3000 2500 2000 1500 1000 500 0 2050 2046 0 -2 -1 0 Output (Codes) 0 1 0 2 Figure 22. Noise Histogram, 4096 Samples Dither On, Input at Code Boundary Figure 23. Noise Histogram, 4096 Samples Dither Off, Input at Code Boundary 3.9 DITHER From the performance plots, one should conclude that the best AC performance for small signals occurs with DITHER on. For capturing multiple samples and performing averaging, DITHER should also be on because the dither will randomize the quantization noise of the converter and provide improved accuracy. However, if only one conversion is to be taken on a DC input, DITHER should be set to off. With DITHER off, the converter exhibits only two codes of noise if the signal is at any point other than the exact center of a code. This means that with DITHER off the converter will nominally yield over 32,000 noise-free counts. 24 DS768PP1 3/25/08 10:56 3.10 Digital Filter Characteristics CS5571 The digital filter is designed for fast settling, therefore it exhibits very little in-band attenuation. The filter attenuation is 1.040 dB at 50 kHz when sampling at 100 kSps. 0.00 -0.0414 dB -0.25 -0.50 -0.75 -1.00 -1.25 -1.50 0 -0.1660 dB -0.3740 dB fs = 100 kSps -0.6660 dB -1.040 dB 10k 20k 30k 40k 50k Frequency (Hz) Figure 24. CS5571 Digital Filter Response (DC to fs/2) 0.00 -0.001650 dB fs = 100 kSps -0.00700 dB -0.01490 dB -0.01 -0.02 -0.03 -0.04 -0.02643 dB -0.04140 dB -0.05 0 2k 4k 6k 8k 10k Frequency (Hz) Figure 25. CS5571 Digital Filter Response (DC to 10 kHz) 0 -20 -40 -60 -80 -100 -120 0 100k 200k Frequency (Hz) 300k 400k fs = 100 kSps Figure 26. CS5571 Digital Filter Response (DC to 4fs) DS768PP1 25 3/25/08 10:56 3.11 Serial Port CS5571 The serial port on the CS5571 can operate in two different modes: synchronous self clock (SSC) mode & synchronous external clock (SEC) mode. The serial port must be placed into the SEC mode if the offset and gain registers of the converter are to be read or written. The converter must be idle when reading or writing to the on-chip registers. 3.11.1 SSC Mode If the SMODE pin is high (SMODE = VL), the serial port operates in the SSC (Synchronous Self Clock) mode. In the SSC mode the port shifts out conversion data words with SCLK as an output. SCLK is generated inside the converter from MCLK. Data is output from the SDO (Serial Data Output) pin. If CS is high, the SDO and SCLK pins will stay in a high-impedance state. If CS is low when RDY falls, the conversion data word will be output from SDO MSB first. Data is output on the rising edge of SCLK and should be latched into the external logic on the subsequent rising edge of SCLK. When all bits of the conversion word are output from the port the RDY signal will return to high. 3.11.2 SEC Mode If the SMODE pin is low (SMODE = VLR), the serial port operates in the SEC (Synchronous External Clock mode). In this mode, the user usually monitors RDY. When RDY falls at the end of a conversion, the conversion data word is placed into the output data register in the serial port. CS is then activated low to enable data output. Note that CS can be held low continuously if it is not necessary to have the SDO output operate in the high impedance state. When CS is taken low (after RDY falls) the conversion data word is then shifted out of the SDO pin by driving the SCLK pin from system logic external to the converter. Data bits are advanced on rising edges of SCLK and latched by the subsequent rising edge of SCLK. If CS is held low continuously, the RDY signal will fall at the end of a conversion and the conversion data will be placed into the serial port. If the user starts a read, the user will maintain control over the serial port until the port is empty. However, if SCLK is not toggled, the converter will overwrite the conversion data at the completion of the next conversion. If CS is held low and no read is performed, RDY will rise just prior to the end of the next conversion and then fall to signal that new data has been written into the serial port. 3.12 Power Supplies & Grounding The CS5571 can be configured to operate with its analog supply operating from 5V, or with its analog supplies operating from 2.5V. The digital interface supports digital logic operating from either 1.8V, 2.5V, or 3.3V. Figure 6 on page 17 illustrates the device configured to operate from 2.5V analog. Figure 7 on page 18 illustrates the device configured to operate from 5V analog. To maximize converter performance, the analog ground and the logic ground for the converter should be connected at the converter. In the dual analog supply configuration, the analog ground for the 2.5V supplies should be connected to the VLR pin at the converter with the converter placed entirely over the analog ground plane. In the single analog supply configuration (+5V), the ground for the +5V supply should be directly tied to the VLR pin of the converter with the converter placed entirely over the analog ground plane. Refer to Figure 7 on page 18. 26 DS768PP1 3/25/08 10:56 3.13 Using the CS5571 in Multiplexing Applications CS5571 The CS5571 is a delta-sigma A/D converter. Delta-sigma converters use oversampling as means to achieve high signal-to-noise performance. This means that once a conversion is started, the converter takes many samples to compute the resulting output word. The analog input for the signal to be converted must remain active during the entire conversion until RDY falls. The CS5571 can be used in multiplexing applications, but the system timing for changing the multiplexer channel and for starting a new conversion will depend upon the multiplexer system architecture. The simplest system is illustrated in Figure 27. Any time the multiplexer is changed, the analog signal presented to the converter must fully settle. After the signal has settled, the CONV signal is issued to the converter to start a conversion. Being a delta-sigma converter, the signal must remain present at the input of the converter until the conversion is completed. Once the conversion is completed, RDY falls. At this time the multiplexer can be changed to the next channel and the data can be read from the serial port. The CONV signal should be delayed until after the data is read and until the new analog signal has settled. In this configuration, the throughput of the converter will be dictated by the settling time of the analog input circuit and the conversion time of the converter. The conversion data can be read from the serial port after the multiplexer is changed to the new channel while the analog input signal is settling. CS5571 CH1 CH2 CH3 CH4 90 150pF 2k 4700pF C0G AIN ACOM Amplifier Settling Time Conversion Time Amplifier Settling Time CONV RDY Advance Mux CH1 Throughput CH2 Figure 27. Simple Multiplexing Scheme A more complex multiplexing scheme can be used to increase the throughput of the converter is illustrated in Figure 28. In this circuit, two banks of multiplexers are used. DS768PP1 27 3/25/08 10:56 CS5571 At the same time the converter is performing a conversion on a channel from one bank of multiplexers, the second multiplexer bank is used to select the channel for the next conversion. This configuration allows the buffer amplifier for the second multiplexer bank to fully settle while a conversion is being performed on the channel from the first multiplexer bank. The multiplexer on the output of the buffer amplifier and the CONV signal can be changed at the same time in this configuration. This multiplexing architecture allows for maximum multiplexing throughput from the A/D converter. The following figure depicts the recommended analog input amplifier circuit. CH1 CH3 SW2 90 150pF 2k 4700pF C0G CS5571 A1 A2 SW1 AIN CH2 CH4 SW3 90 150pF 2k 4700pF C0G ACOM CONV SW1 SW2 SW3 Select A1 Select A2 Select A1 Select A2 Select A1 Select CH1 Select CH3 Select CH1 Select CH2 Select CH4 Select CH2 Convert on CH1 Convert on CH2 Convert on CH3 Convert on CH4 Convert on CH1 Figure 28. More Complex Multiplexing Scheme 28 DS768PP1 3/25/08 10:56 3.14 Synchronizing Multiple Converters CS5571 Many measurement systems have multiple converters that need to operate synchronously. The converters should all be driven from the same master clock. In this configuration, the converters will convert synchronously if the same CONV signal is used to drive all the converters, and CONV falls on a falling edge of MCLK. If CONV is held low continuously, reset (RST) can be used to synchronize multiple converters if RST is released on a falling edge of MCLK. DS768PP1 29 3/26/08 14:22 4. PIN DESCRIPTIONS Chip Select Factory Test Serial Mode Select Analog Input Analog Return Negative Power 1 Positive Power 1 Buffer Enable Voltage Reference Input Voltage Reference Input Bipolar/Unipolar Select Dither Select CS TST SMODE AIN ACOM V1V1+ BUFEN VREF+ VREFBP/UP DITHER CS5571 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 RDY SCLK SDO VL VLR MCLK V2V2+ DCR CONV VLR2 RST Ready Serial Clock Input/Output Serial Data Output Logic Interface Power Logic Interface Return Master Clock Negative Voltage 2 Positive Voltage 2 Digital Core Regulator Convert Logic Interface Return Reset CS - Chip Select, Pin 1 The Chip Select pin allows an external device to access the serial port. When held high, the SDO output will be held in a high-impedance output state. TST - Factory Test, Pin 2 For factory use only. Connect to VLR. SMODE - Serial Mode Select, Pin 3 The serial interface mode pin (SMODE) dictates whether the serial port behaves as a master or slave interface. If SMODE is tied high (to VL), the port will operate in the Synchronous Self-Clocking (SSC) mode. In SSC mode, the port acts as a master in which the converter outputs both the SDO and SCLK signals. If SMODE is tied low (to VLR), the port will operate in the Synchronous External Clocking (SEC) mode. In SEC mode, the port acts as a slave in which the external logic or microcontroller generates the SCLK used to output the conversion data word from the SDO pin. AIN - Analog Input, Pin 4 AIN is the single-ended input. ACOM - Analog Return, Pin 5 ACOM is the analog return for the input signal. V1- - Negative Power 1, Pin 6 The V1- and V2- pins provide a negative supply voltage to the core circuitry of the chip. These two pins should be decoupled as shown in the application block diagrams. V1- and V2- should be supplied from the same source voltage. For single-supply operation, these two voltages are nominally 0 V (Ground). For dual-supply operation, they are nominally -2.5 V. V1+ - Positive Power 1, Pin 7 The V1+ and V2+ pins provide a positive supply voltage to the core circuitry of the chip. These two pins should be decoupled as shown in the application block diagrams. V1+ and V2+ should be supplied from the same source voltage. For single supply-operation, these two voltages are nominally +5 V. For dual-supply operation, they are nominally +2.5 V. BUFEN - Buffer Enable, Pin 8 Buffers on input pins AIN and ACOM are enabled if BUFEN is connected to V1+ and disabled if connected to V1-. VREF+, VREF- - Voltage Reference Input, Pins 9, 10 A differential voltage reference input on these pins functions as the voltage reference for the converter. The voltage between these pins can range between 2.4 volts and 4.2 volts, with 4.096 volts being the nominal reference voltage value. 30 DS768PP1 3/25/08 10:56 CS5571 BP/UP - Bipolar/Unipolar Select, Pin 11 The BP/UP pin determines the span and the output coding of the converter. When set high to select BP (bipolar), the input span of the converter is -2.048 volts to +2.048 volts (assuming the voltage reference is 4.096 volts) and output data is coded in two's complement format. When set low to select UP (unipolar), the input span is 0 to +2.048 and the output data is coded in binary format. DITHER - Dither Select, Pin 12 When DITHER is high (DITHER = VL), output conversion words will be dithered. When DITHER is low (DITHER = VLR), output words will be dominated by quantization. RST - Reset, Pin 13 Reset is necessary after power is initially applied to the converter. When the RST input is taken low, the logic in the converter will be reset. When RST is released to go high, certain portions of the analog circuitry are started. RDY falls when reset is complete. CONV - Convert, Pin 15 The CONV pin initiates a conversion cycle if taken low, a previous conversion is in progress. When the conversion cycle is completed, the conversion word is output to the serial port register and the RDY signal goes low. If CONV is held low and remains low when RDY falls, another conversion cycle will be started. DCR - Digital Core Regulator, Pin 16 DCR is the output of the on-chip regulator for the digital logic core. DCR should be bypassed with a capacitor to V2-. The DCR pin is not designed to power any external load. V2+ - Positive Power 2, Pin 17 The V1+ and V2+ pins provide a positive supply voltage to the circuitry of the chip. These two pins should be decoupled as shown in the application block diagrams. V1+ and V2+ should be supplied from the same source voltage. For single-supply operation, these two voltages are nominally +5 V. For dual-supply operation, they are nominally +2.5 V. V2- - Negative Power 2, Pin 18 The V1- and V2- pins provide a negative supply voltage to the circuitry of the chip. These two pins should be decoupled as shown in the application block diagrams. V1- and V2- should be supplied from the same source voltage. For single-supply operation, these two voltages are nominally 0 V (Ground). For dual-supply operation, they are nominally -2.5 V. MCLK - Master Clock, Pin 19 The master clock pin (MCLK) is a multi-function pin. If tied low (MCLK = VLR), the on-chip oscillator will be enabled. If tied high (MCLK = VL), all clocks to the internal circuitry of the converter will stop. When MCLK is held high the internal oscillator will also be stopped. MCLK can also function as the input for an external CMOS-compatible clock that conforms to supply voltages on the VL and VLR pins. VLR2, VLR, VL - Logic Interface Power/Return, Pins 14, 20, 21 VL and VLR are the supply voltages for the digital logic interface. VL and VLR can be configured with a wide range of common mode voltage. The following interface pins function from the VL/VLR supply: SMODE, CS, SCLK, TST, SDO, RDY, DITHER, CONV, RST, BP/UP, and MCLK. SDO - Serial Data Output, Pin 22 SDO is the output pin for the serial output port. Data from this pin will be output at a rate determined by SCLK and in a format determined by the BP/UP pin. Data is output MSB first and advances to the next data bit on the rising edges of SCLK. SDO will be in a high impedance state when CS is high. DS768PP1 31 3/25/08 10:56 CS5571 SCLK - Serial Clock Input/Output, Pin 23 The SMODE pin determines whether the SCLK signal is an input or an output signal. SCLK determines the rate at which data is clocked out of the SDO pin. If the converter is in SSC mode, the SCLK frequency will be determined by the master clock frequency of the converter (either MCLK or the internal oscillator). In SEC mode, the user determines the SCLK frequency. If SCLK is an output (SMODE = VL), it will be in a high-impedance state when CS is high. RDY - Ready, Pin 24 If CONV is low the converter will immediately start a conversion and RDY will remain high until the conversion is completed. At the end of any conversion RDY falls to indicate that a conversion word has been placed into the serial port. RDY will return high after all data bits are shifted out of the serial port or two master clock cycles before new data becomes available if the CS pin is inactive (high); or two master clock cycles before new data becomes available if the user holds CS low but has not started reading the data from the converter when in SEC mode. 32 DS768PP1 3/25/08 10:56 5. PACKAGE DIMENSIONS CS5571 24L SSOP PACKAGE DRAWING N D E11 A2 A1 A E L e b2 SIDE VIEW END VIEW SEATING PLANE 123 TOP VIEW DIM A A1 A2 b D E E1 e L MIN -0.002 0.064 0.009 0.311 0.291 0.197 0.022 0.025 0 INCHES NOM -0.006 0.068 -0.323 0.307 0.209 0.026 0.03 4 MAX 0.084 0.010 0.074 0.015 0.335 0.323 0.220 0.030 0.041 8 MIN -0.05 1.62 0.22 7.90 7.40 5.00 0.55 0.63 0 MILLIMETERS NOM -0.13 1.73 -8.20 7.80 5.30 0.65 0.75 4 NOTE MAX 2.13 0.25 1.88 0.38 8.50 8.20 5.60 0.75 1.03 8 2,3 1 1 JEDEC #: MO-150 Controlling Dimension is Millimeters. Notes: 1."D" and "E1" are reference datums and do not included mold flash or protrusions, but do include mold mismatch and are measured at the parting line, mold flash or protrusions shall not exceed 0.20 mm per side. 2.Dimension "b" does not include dambar protrusion/intrusion. Allowable dambar protrusion shall be 0.13 mm total in excess of "b" dimension at maximum material condition. Dambar intrusion shall not reduce dimension "b" by more than 0.07 mm at least material condition. 3.These dimensions apply to the flat section of the lead between 0.10 and 0.25 mm from lead tips. DS768PP1 33 3/25/08 10:56 6. ORDERING INFORMATION Model Linearity Temperature Conversion Time Throughput CS5571 Package CS5571-ISZ .0008% -40 to +85 C 10 s 100 kSps 24-pin SSOP 7. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION Model Number Peak Reflow Temp 260 C MSL Rating* 3 Max Floor Life 7 Days CS5571-ISZ * MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020. 8. REVISION HISTORY Revision PP1 Date MAR 2008 Changes Preliminary release. Contacting Cirrus Logic Support For all product questions and inquiries contact a Cirrus Logic Sales Representative. To find the one nearest to you go to www.cirrus.com IMPORTANT NOTICE "Preliminary" product information describes products that are in production, but for which full characterization data is not yet available. Cirrus Logic, Inc. and its subsidiaries ("Cirrus") believe that the information contained in this document is accurate and reliable. However, the information is subject to change without notice and is provided "AS IS" without warranty of any kind (express or implied). Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgment, including those pertaining to warranty, indemnification, and limitation of liability. No responsibility is assumed by Cirrus for the use of this information, including use of this information as the basis for manufacture or sale of any items, or for infringement of patents or other rights of third parties. This document is the property of Cirrus and by furnishing this information, Cirrus grants no license, express or implied under any patents, mask work rights, copyrights, trademarks, trade secrets or other intellectual property rights. Cirrus owns the copyrights associated with the information contained herein and gives consent for copies to be made of the information only for use within your organization with respect to Cirrus integrated circuits or other products of Cirrus. This consent does not extend to other copying such as copying for general distribution, advertising or promotional purposes, or for creating any work for resale. CERTAIN APPLICATIONS USING SEMICONDUCTOR PRODUCTS MAY INVOLVE POTENTIAL RISKS OF DEATH, PERSONAL INJURY, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE ("CRITICAL APPLICATIONS"). CIRRUS PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE IN PRODUCTS SURGICALLY IMPLANTED INTO THE BODY, AUTOMOTIVE SAFETY OR SECURITY DEVICES, LIFE SUPPORT PRODUCTS OR OTHER CRITICAL APPLICATIONS. INCLUSION OF CIRRUS PRODUCTS IN SUCH APPLICATIONS IS UNDERSTOOD TO BE FULLY AT THE CUSTOMER'S RISK AND CIRRUS DISCLAIMS AND MAKES NO WARRANTY, EXPRESS, STATUTORY OR IMPLIED, INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR PARTICULAR PURPOSE, WITH REGARD TO ANY CIRRUS PRODUCT THAT IS USED IN SUCH A MANNER. IF THE CUSTOMER OR CUSTOMER'S CUSTOMER USES OR PERMITS THE USE OF CIRRUS PRODUCTS IN CRITICAL APPLICATIONS, CUSTOMER AGREES, BY SUCH USE, TO FULLY INDEMNIFY CIRRUS, ITS OFFICERS, DIRECTORS, EMPLOYEES, DISTRIBUTORS AND OTHER AGENTS FROM ANY AND ALL LIABILITY, INCLUDING ATTORNEYS' FEES AND COSTS, THAT MAY RESULT FROM OR ARISE IN CONNECTION WITH THESE USES. Cirrus Logic, Cirrus, and the Cirrus Logic logo designs are trademarks of Cirrus Logic, Inc. All other brand and product names in this document may be trademarks or service marks of their respective owners. 34 DS768PP1 |
Price & Availability of CS557108 |